| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6141-E/SN Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6141-E/SN Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 38 page ![]() MCP6141/2/3/4 DS21668D-page 8 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low. FIGURE 2-7: Input Offset Voltage vs. Output Voltage. FIGURE 2-8: Input Noise Voltage Density vs. Frequency. FIGURE 2-9: CMRR, PSRR vs. Frequency. FIGURE 2-10: The MCP6141/2/3/4 Family Shows No Phase Reversal. FIGURE 2-11: Input Noise Voltage Density vs. Common Mode Input Voltage. FIGURE 2-12: CMRR, PSRR vs. Ambient Temperature. 250 300 350 400 450 500 0.00.5 1.0 1.5 2.02.5 3.03.5 4.0 4.5 5.0 5.5 Output Voltage (V) VDD = 5.5V VDD = 1.4V 100 1,000 0.1 1 10 100 1000 Frequency (Hz) 20 30 40 50 60 70 80 90 100 1 10 100 1,000 10,000 Frequency (Hz) PSRR– PSRR+ CMRR Referred to Input 1 10 100 1k 10k -1 0 1 2 3 4 5 6 0 5 10 15 20 25 Time (5 ms/div) VIN VDD = 5.0V G = +11 V/V VOUT 0 50 100 150 200 250 300 Common Mode Input Voltage (V) f = 1 kHz VDD = 5.0V 70 75 80 85 90 95 100 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) PSRR (VCM = VSS) CMRR (VDD = 5.0V, VCM = -0.3V to +5.3V) |