Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3208-BI/P Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce MCP3208-BI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-BI/P Fiches technique(HTML) 26 Page - Microchip Technology

Back Button MCP3208-BI/P Datasheet HTML 22Page - Microchip Technology MCP3208-BI/P Datasheet HTML 23Page - Microchip Technology MCP3208-BI/P Datasheet HTML 24Page - Microchip Technology MCP3208-BI/P Datasheet HTML 25Page - Microchip Technology MCP3208-BI/P Datasheet HTML 26Page - Microchip Technology MCP3208-BI/P Datasheet HTML 27Page - Microchip Technology MCP3208-BI/P Datasheet HTML 28Page - Microchip Technology MCP3208-BI/P Datasheet HTML 29Page - Microchip Technology MCP3208-BI/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MCP3204/3208
DS21298E-page 26
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
16-Lead PDIP (300 mil) (MCP3208)
Example:
16-Lead SOIC (150 mil) (MCP3208)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXX
YYWWNNN
MCP3208
-BI/P
0819256
XXXXXXXXXXXXX
MCP3208
-B
0819256
XXXXIXXXXXX
3
e
3
e
I/SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40