| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP616-I/MS Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP616-I/MS Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 38 page ![]() MCP616/7/8/9 DS21613C-page 16 © 2008 Microchip Technology Inc. FIGURE 4-3: Example Circuit for Calculating DC Offset. To calculate the DC bias point and DC offset, convert the circuit to its DC equivalent: • Replace capacitors with open circuits • Replace inductors with short circuits • Replace AC voltage sources with short circuits • Replace AC current sources with open circuits • Convert DC sources and resistances into their Thevenin equivalent form The DC equivalent circuit for Figure 4-3 is shown in Figure 4-4. FIGURE 4-4: Equivalent DC Circuit. Now calculate the nominal DC bias point with offset: EQUATION 4-1: Use the worst-case specs and source values to determine the worst-case output voltage range and offset for your design. Make sure the common mode input voltage range and output voltage range are not exceeded. 4.3 Rail-to-Rail Output There are two specifications that describe the output swing capability of the MCP616/7/8/9 family of op amps. The first specification (Maximum Output Voltage Swing) defines the absolute maximum swing that can be achieved under the specified load conditions. For instance, the output voltage swings to within 15 mV of the negative rail with a 25 k Ω load tied to VDD/2. Figure 2-33 shows how the output voltage is limited when the input goes beyond the linear region of operation. The second specification that describes the output swing capability of these amplifiers is the Linear Output Voltage Range. This specification defines the maximum output swing that can be achieved while the amplifier still operates in its linear region. To verify linear operation in this range, the large-signal DC Open-Loop Gain (AOL) is measured at points inside the supply rails. The measurement must meet the specified AOL conditions in the specification table. V1 MCP61X VOUT R3 C3 R2 R1 V2 R5 R4 V1 MCP61X VOUT R2 R1 VEQ REQ V EQ V 2 R 5 R 4 R 5 + ------------------ ⋅ = R EQ R 4 || R5 = VOOS = GN [VOS + IB ((R1 ||R2) – REQ) – IOS ((R1 ||R2 ) + REQ ) / 2] VCM = VEQ – (IB + IOS /2) REQ VOUT = VEQ (GN ) – V1 (GN – 1) + VOOS G N 1R 2 R1 ⁄ + = Where: GN = op amp’s noise gain (from the non-inverting input to the output) VOOS = circuit’s output offset voltage VOS = op amp’s input offset voltage IB = op amp’s input bias current IOS = op amp’s input offset current VCM = op amp’s coommon mode input voltage |