| Moteur de recherche de fiches techniques de composants électroniques |
|
TC14433AT Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC14433AT Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 24 page ![]() TC14433/A DS21394D-page 14 © 2008 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 24-Lead PDIP XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXXX 24-Lead SOIC (.300”) XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN 28-Lead PLCC XXXXXXXXXX XXXXXXXXXX YYWWNNN Example: Example: Example: TC14433EPG^^ 0814256 TC14433EOG^^ 0814256 TC14433 ELI^^ 0814256 3 e 3 e 3 e |