Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3002T-I/MS Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce MCP3002T-I/MS
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002T-I/MS Fiches technique(HTML) 31 Page - Microchip Technology

Back Button MCP3002T-I/MS Datasheet HTML 26Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 27Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 28Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 29Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 30Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 31Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 32Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 33Page - Microchip Technology MCP3002T-I/MS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21294D-page 31
MCP3002
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP3002: 10-Bit Serial A/D Converter
MCP3002T: 10-Bit Serial A/D Converter
(Tape and Reel) (SOIC and TSSOP only
Temperature Range
I
= -40
°C to +85°C
(Industrial)
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
SN
= Plastic SOIC (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
Examples:
a)
MCP3002-I/P:
Industrial Temperature,
8LD PDIP package.
b)
MCP3002-I/SN:
Industrial Temperature,
8LD SOIC package.
c)
MCP3002-I/ST:
Industrial Temperature,
8LD TSSOP package.
d)
MCP3002-I/MS:
Industrial
Temperature,
8LD MSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34