Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC14433 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce TC14433
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button TC14433_08 Datasheet HTML 10Page - Microchip Technology TC14433_08 Datasheet HTML 11Page - Microchip Technology TC14433_08 Datasheet HTML 12Page - Microchip Technology TC14433_08 Datasheet HTML 13Page - Microchip Technology TC14433_08 Datasheet HTML 14Page - Microchip Technology TC14433_08 Datasheet HTML 15Page - Microchip Technology TC14433_08 Datasheet HTML 16Page - Microchip Technology TC14433_08 Datasheet HTML 17Page - Microchip Technology TC14433_08 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC14433/A
DS21394D-page 14
© 2008 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
24-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXX
24-Lead SOIC (.300”)
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead PLCC
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example:
Example:
Example:
TC14433EPG^^
0814256
TC14433EOG^^
0814256
TC14433
ELI^^
0814256
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24