| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4531-104E/MS Fiches technique(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4531-104E/MS Fiches technique(HTML) 71 Page - Microchip Technology |
|
71 / 88 page ![]() © 2008 Microchip Technology Inc. DS22096A-page 71 MCP453X/455X/463X/465X 11.0 PACKAGING INFORMATION 11.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (3x3) Example : Part Number Code Part Number Code MCP4531-502E/MF DACA MCP4532-502E/MF DACE MCP4531-103E/MF DACB MCP4532-103E/MF DACF MCP4531-104E/MF DACD MCP4532-104E/MF DACH MCP4531-503E/MF DACC MCP4532-503E/MF DACG MCP4551-502E/MF DACT MCP4552-502E/MF DACX MCP4551-103E/MF DACU MCP4552-103E/MF DACY MCP4551-104E/MF DACW MCP4552-104E/MF DADA MCP4551-503E/MF DACV MCP4552-503E/MF DACZ DACA E828 256 XXXX XYWW NNN 8-Lead MSOP XXXXXX YWWNNN Example 453113 828256 Part Number Code Part Number Code MCP4531-103E/MS 453113 MCP4532-103E/MS 453213 MCP4531-104E/MS 453114 MCP4532-104E/MS 453214 MCP4531-502E/MS 453152 MCP4532-502E/MS 453252 MCP4531-503E/MS 453153 MCP4532-503E/MS 453253 MCP4551-103E/MS 455113 MCP4552-103E/MS 455213 MCP4551-104E/MS 455114 MCP4552-104E/MS 455214 MCP4551-502E/MS 455152 MCP4552-502E/MS 455252 MCP4551-503E/MS 455153 MCP4552-503E/MS 455253 |