Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4531-103E/ML Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce MCP4531-103E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-103E/ML Fiches technique(HTML) 72 Page - Microchip Technology

Back Button MCP4531-103E/ML Datasheet HTML 68Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 69Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 70Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 71Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 72Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 73Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 74Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 75Page - Microchip Technology MCP4531-103E/ML Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 72
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
10-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4632-502E/MF
AABA
MCP4652-502E/MF
AAKA
MCP4632-103E/MF
AACA
MCP4652-103E/MF
AALA
MCP4632-104E/MF
AAEA
MCP4652-104E/MF
AAPA
MCP4632-503E/MF
AADA
MCP4652-503E/MF
AAMA
AAFA
0828
256
XXXX
YYWW
NNN
10-Lead MSOP
XXXXXX
YWWNNN
Example
463252
828256
Part Number
Code
Part Number
Code
MCP4632-502E/UN
463252
MCP4652-502E/UN
465252
MCP4632-103E/UN
463213
MCP4652-103E/UN
465213
MCP4632-104E/UN
463214
MCP4652-104E/UN
465214
MCP4632-503E/UN
463253
MCP4652-503E/UN
465253
14-Lead TSSOP (MCP4631, MCP4651)
XXXXXXXX
YYWW
NNN
Example
4631502E
0828
256
XXXXX
16-Lead QFN (MCP4631, MCP4651)
XXXXXX
YYWWNNN
Example
XXXXXX
4631
502
828256
E/ML^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88