Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103C4U7ATR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM32F103C4U7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4U7ATR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM32F103C4U7ATR Datasheet HTML 20Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 21Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 22Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 23Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 24Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 25Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 26Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 27Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Pinouts and pin description
STM32F103x4, STM32F103x6
24/80
Doc ID 15060 Rev 3
-
25
H6
PC5
I/O
PC5
ADC12_IN15
18
26
F5
15
PB0
I/O
PB0
ADC12_IN8/TIM3_CH3(8)
TIM1_CH2N
19
27
G5
16
PB1
I/O
PB1
ADC12_IN9/TIM3_CH4(8)
TIM1_CH3N
20
28
G6
17
PB2
I/O FT PB2/BOOT1
21
29
G7
-
PB10
I/O FT
PB10
TIM2_CH3
22
30
H7
-
PB11
I/O FT
PB11
TIM2_CH4
23
31
D6
18
VSS_1
SVSS_1
24
32
E6
19
VDD_1
SVDD_1
25
33
H8
-
PB12
I/O FT
PB12
TIM1_BKIN(8)
26
34
G8
-
PB13
I/O FT
PB13
TIM1_CH1N (8)
27
35
F8
-
PB14
I/O FT
PB14
TIM1_CH2N (8)
28
36
F7
-
PB15
I/O FT
PB15
TIM1_CH3N(8)
-
37
F6
-
PC6
I/O FT
PC6
TIM3_CH1
38
E7
-
PC7
I/O FT
PC7
TIM3_CH2
39
E8
-
PC8
I/O FT
PC8
TIM3_CH3
-
40
D8
-
PC9
I/O FT
PC9
TIM3_CH4
29
41
D7
20
PA8
I/O FT
PA8
USART1_CK/
TIM1_CH1/MCO
30
42
C7
21
PA9
I/O FT
PA9
USART1_TX(8)/
TIM1_CH2(8)
31
43
C6
22
PA10
I/O FT
PA10
USART1_RX(8)/ TIM1_CH3
32
44
C8
23
PA11
I/O FT
PA11
USART1_CTS/ CAN_RX(8)/
TIM1_CH4 / USBDM
33
45
B8
24
PA12
I/O FT
PA12
USART1_RTS/ CAN_TX(8) /
TIM1_ETR / USBDP
34
46
A8
25
PA13
I/O FT JTMS/SWDIO
PA13
35
47
D5
26
VSS_2
SVSS_2
36
48
E5
27
VDD_2
SVDD_2
37
49
A7
28
PA14
I/O FT JTCK/SWCLK
PA14
38
50
A6
29
PA15
I/O FT
JTDI
TIM2_CH1_ETR/
PA15 / SPI1_NSS
-51
B7
PC10
I/O FT
PC10
-52
B6
PC11
I/O FT
PC11
-53
C5
PC12
I/O FT
PC12
Table 5.
Low-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80