Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103C4T7ATR Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STM32F103C4T7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4T7ATR Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STM32F103C4T7ATR Datasheet HTML 19Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 20Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 21Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 22Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 23Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 24Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 25Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 26Page - STMicroelectronics STM32F103C4T7ATR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
STM32F103x4, STM32F103x6
Pinouts and pin description
Doc ID 15060 Rev 3
23/80
Table 5.
Low-density STM32F103xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
11
B2
-
VBAT
SVBAT
22
A2
-
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
3
3
A1
-
PC14-OSC32_IN(5) I/O
PC14(6)
OSC32_IN
44
B1
-
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
5
5
C1
2
OSC_IN
I
OSC_IN
6
6
D1
3
OSC_OUT
O
OSC_OUT
7
7
E1
4
NRST
I/O
NRST
-
8
E3
-
PC0
I/O
PC0
ADC12_IN10
-
9
E2
-
PC1
I/O
PC1
ADC12_IN11
-
10
F2
-
PC2
I/O
PC2
ADC12_IN12
-
11
-
-
PC3
I/O
PC3
ADC12_IN13
--
G1
-
VREF+
(7)
SVREF+
812
F1
5
VSSA
SVSSA
913
H1
6
VDDA
SVDDA
10
14
G2
7
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS/
ADC12_IN0/
TIM2_CH1_ETR(8)
11
15
H2
8
PA1
I/O
PA1
USART2_RTS/
ADC12_IN1/ TIM2_CH2(8)
12
16
F3
9
PA2
I/O
PA2
USART2_TX/
ADC12_IN2/ TIM2_CH3(8)
13
17
G3
10
PA3
I/O
PA3
USART2_RX/
ADC12_IN3/TIM2_CH4(8)
-18
C2
-
VSS_4
SVSS_4
-19
D2
-
VDD_4
SVDD_4
14
20
H3
11
PA4
I/O
PA4
SPI1_NSS(8)/
USART2_CK/ADC12_IN4
15
21
F4
12
PA5
I/O
PA5
SPI1_SCK(8)/ ADC12_IN5
16
22
G4
13
PA6
I/O
PA6
SPI1_MISO(8)/
ADC12_IN6/TIM3_CH1(8)
TIM1_BKIN
17
23
H4
14
PA7
I/O
PA7
SPI1_MOSI(8)/
ADC12_IN7/TIM3_CH2(8)
TIM1_CH1N
-
24
H5
PC4
I/O
PC4
ADC12_IN14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80