| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103RCT7TR Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RCT7TR Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 123 page ![]() Pinouts and pin descriptions STM32F103xC, STM32F103xD, STM32F103xE 34/123 Doc ID 14611 Rev 7 A12 A10 D4 46 72 105 PA13 I/O FT JTMS- SWDIO PA13 C11 F8 - - 73 106 Not connected G9 E6 B1 47 74 107 VSS_2 SVSS_2 F9 F6 A1 48 75 108 VDD_2 SVDD_2 A11 A9 B2 49 76 109 PA14 I/O FT JTCK- SWCLK PA14 A10 A8 C3 50 77 110 PA15 I/O FT JTDI SPI3_NSS/ I2S3_WS TIM2_CH1_ETR PA15 / SPI1_NSS B11 B9 A2 51 78 111 PC10 I/O FT PC10 UART4_TX/SDIO_D2 USART3_TX B10 B8 B3 52 79 112 PC11 I/O FT PC11 UART4_RX/SDIO_D3 USART3_RX C10 C8 C4 53 80 113 PC12 I/O FT PC12 UART5_TX/SDIO_CK USART3_CK E10 D8 D8 5 81 114 PD0 I/O FT OSC_IN(9) FSMC_D2(10) CAN_RX D10 E8 D7 6 82 115 PD1 I/O FT OSC_OUT(9) FSMC_D3(10) CAN_TX E9 B7 A3 54 83 116 PD2 I/O FT PD2 TIM3_ETR/UART5_RX SDIO_CMD D9 C7 - - 84 117 PD3 I/O FT PD3 FSMC_CLK USART2_CTS C9 D7 - - 85 118 PD4 I/O FT PD4 FSMC_NOE USART2_RTS B9 B6 - - 86 119 PD5 I/O FT PD5 FSMC_NWE USART2_TX E7 - - - - 120 VSS_10 SVSS_10 F7 - - - - 121 VDD_10 SVDD_10 A8 C6 - - 87 122 PD6 I/O FT PD6 FSMC_NWAIT USART2_RX A9 D6 - - 88 123 PD7 I/O FT PD7 FSMC_NE1/FSMC_NCE2 USART2_CK E8 - - - - 124 PG9 I/O FT PG9 FSMC_NE2/FSMC_NCE3 D8 - - - - 125 PG10 I/O FT PG10 FSMC_NCE4_1/ FSMC_NE3 C8 - - - - 126 PG11 I/O FT PG11 FSMC_NCE4_2 B8 - - - - 127 PG12 I/O FT PG12 FSMC_NE4 D7 - - - - 128 PG13 I/O FT PG13 FSMC_A24 C7 - - - - 129 PG14 I/O FT PG14 FSMC_A25 E6 - - - - 130 VSS_11 S VSS_11 F6 - - - - 131 VDD_11 S VDD_11 B7 - - - - 132 PG15 I/O FT PG15 Table 5. High-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |