Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103VCH7TR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F103VCH7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCH7TR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F103VCH7TR Datasheet HTML 30Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 31Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 32Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 33Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 34Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 35Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 36Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 37Page - STMicroelectronics STM32F103VCH7TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 123 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
34/123
Doc ID 14611 Rev 7
A12 A10 D4 46 72 105
PA13
I/O FT
JTMS-
SWDIO
PA13
C11 F8
-
-
73 106
Not connected
G9
E6 B1 47 74 107
VSS_2
SVSS_2
F9
F6 A1 48 75 108
VDD_2
SVDD_2
A11 A9 B2 49 76 109
PA14
I/O FT
JTCK-
SWCLK
PA14
A10 A8 C3 50 77 110
PA15
I/O FT
JTDI
SPI3_NSS/
I2S3_WS
TIM2_CH1_ETR
PA15 / SPI1_NSS
B11 B9 A2 51 78 111
PC10
I/O FT
PC10
UART4_TX/SDIO_D2
USART3_TX
B10 B8 B3 52 79 112
PC11
I/O FT
PC11
UART4_RX/SDIO_D3
USART3_RX
C10 C8 C4 53 80 113
PC12
I/O FT
PC12
UART5_TX/SDIO_CK
USART3_CK
E10 D8 D8
5
81 114
PD0
I/O FT
OSC_IN(9)
FSMC_D2(10)
CAN_RX
D10 E8 D7
6
82 115
PD1
I/O FT OSC_OUT(9)
FSMC_D3(10)
CAN_TX
E9
B7 A3 54 83 116
PD2
I/O FT
PD2
TIM3_ETR/UART5_RX
SDIO_CMD
D9
C7
-
-
84 117
PD3
I/O FT
PD3
FSMC_CLK
USART2_CTS
C9
D7
-
-
85 118
PD4
I/O FT
PD4
FSMC_NOE
USART2_RTS
B9
B6
-
-
86 119
PD5
I/O FT
PD5
FSMC_NWE
USART2_TX
E7
-
-
-
-
120
VSS_10
SVSS_10
F7
-
-
-
-
121
VDD_10
SVDD_10
A8
C6
-
-
87 122
PD6
I/O FT
PD6
FSMC_NWAIT
USART2_RX
A9
D6
-
-
88 123
PD7
I/O FT
PD7
FSMC_NE1/FSMC_NCE2
USART2_CK
E8
-
-
-
-
124
PG9
I/O FT
PG9
FSMC_NE2/FSMC_NCE3
D8
-
-
-
-
125
PG10
I/O FT
PG10
FSMC_NCE4_1/
FSMC_NE3
C8
-
-
-
-
126
PG11
I/O FT
PG11
FSMC_NCE4_2
B8
-
-
-
-
127
PG12
I/O FT
PG12
FSMC_NE4
D7
-
-
-
-
128
PG13
I/O FT
PG13
FSMC_A24
C7
-
-
-
-
129
PG14
I/O FT
PG14
FSMC_A25
E6
-
-
-
-
130
VSS_11
S
VSS_11
F6
-
-
-
-
131
VDD_11
S
VDD_11
B7
-
-
-
-
132
PG15
I/O FT
PG15
Table 5.
High-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More