| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103C4U7XXX Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C4U7XXX Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 80 page ![]() STM32F103x4, STM32F103x6 Electrical characteristics Doc ID 15060 Rev 3 61/80 Figure 27. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. USB characteristics The USB interface is USB-IF certified (Full Speed). Table 42. USB startup time Symbol Parameter Max Unit tSTARTUP (1) 1. Guaranteed by design, not tested in production. USB transceiver startup time 1 µs ai14136 CPHA= 0 MOSI OUTUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |