| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L152C4U6 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4U6 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 101 page ![]() Pin description STM8L151xx, STM8L152xx 28/101 Doc ID 15962 Rev 2 20 - 8 PD0/TIM3_CH2/ [ADC1_TRIG](3)/ LCD_SEG7(2)/ADC1_IN2 2/COMP2_INP/ COMP1_INP I/O X X X HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / LCD segment 7 / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input -9 - PD0/TIM3_CH2/ [ADC1_TRIG](3)/ ADC1_IN22/COMP2_INP/ COMP1_INP I/O X X X HS X X Port D0(5) Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input 21 - - PD1/TIM3_TRIG/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X X X HS X X Port D1 Timer 3 - trigger / LCD_COM3 / ADC1_IN21 / comparator 2 positive input / Comparator 1 positive input -10 - PD1/TIM1_CH3N/[TIM3_T RIG](3)/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X X X HS X X Port D1 [Timer 3 - trigger]/ TIM1 inverted channel 3 / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input -- 9 PD1/TIM1_CH3/[TIM3_TR IG](3)/LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X X X HS X X Port D1 Timer 1 channel 3 / [Timer 3 - trigger] / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input 22 11 10 PD2/TIM1_CH1 /LCD_SEG8(2)/ ADC1_IN20/COMP1_INP I/O X X X HS X X Port D2 Timer 1 - channel 1 / LCD segment 8 / ADC1_IN20 / Comparator 1 positive input 23 12 - PD3/ TIM1_TRIG/ LCD_SEG9(2)/ADC1_IN1 9/COMP1_INP I/O X X X HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19 / Comparator 1 positive input -- 11 PD3/ TIM1_TRIG/ LCD_SEG9(2)/ ADC1_IN19/TIM1_BKIN/ COMP1_INP/ RTC_CALIB I/O X X X HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19 / Timer 1 break input / RTC calibration / Comparator 1 positive input 33 21 20 PD4/TIM1_CH2 /LCD_SEG18(2)/ ADC1_IN10/COMP1_INP I/O X X X HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/ Comparator 1 positive input Table 4. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |