| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F101C4T6ATR Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101C4T6ATR Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 73 page ![]() STM32F101x4, STM32F101x6 Pinouts and pin description Doc ID 15058 Rev 3 23/74 20 28 17 PB2 I/O FT PB2/BOOT1 21 29 - PB10 I/O FT PB10 TIM2_CH3 22 30 - PB11 I/O FT PB11 TIM2_CH4 23 31 18 VSS_1 SVSS_1 24 32 19 VDD_1 SVDD_1 25 33 - PB12 I/O FT PB12 26 34 - PB13 I/O FT PB13 27 35 - PB14 I/O FT PB14 28 36 - PB15 I/O FT PB15 - 37 - PC6 I/O FT PC6 TIM3_CH1 38 - PC7 I/O FT PC7 TIM3_CH2 39 - PC8 I/O FT PC8 TIM3_CH3 - 40 - PC9 I/O FT PC9 TIM3_CH4 29 41 20 PA8 I/O FT PA8 USART1_CK/MCO 30 42 21 PA9 I/O FT PA9 USART1_TX(7) 31 43 22 PA10 I/O FT PA10 USART1_RX(7) 32 44 23 PA11 I/O FT PA11 USART1_CTS 33 45 24 PA12 I/O FT PA12 USART1_RTS 34 46 25 PA13 I/O FT JTMS-SWDIO PA13 35 47 26 VSS_2 SVSS_2 36 48 27 VDD_2 SVDD_2 37 49 28 PA14 I/O FT JTCK/SWCLK PA14 38 50 29 PA15 I/O FT JTDI TIM2_CH1_ETR/ PA15 / SPI_NSS - 51 PC10 I/O FT PC10 - 52 PC11 I/O FT PC11 - 53 PC12 I/O FT PC12 5 5 2 PD0 I/O FT OSC_IN(8) 6 6 3 PD1 I/O FT OSC_OUT(8) 54 - PD2 I/O FT PD2 TIM3_ETR 39 55 30 PB3 I/O FT JTDO TIM2_CH2 / PB3 TRACESWO SPI_SCK Table 4. Low-density STM32F101xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |