Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151C4U3 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STM8L151C4U3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U3 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STM8L151C4U3 Datasheet HTML 22Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 23Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 24Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 25Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 26Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 27Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 28Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 29Page - STMicroelectronics STM8L151C4U3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
Pin description
STM8L151xx, STM8L152xx
26/101
Doc ID 15962 Rev 2
8
-
- PA7/LCD_SEG0(2)
I/O FT
X
XX
HS
X
X Port A7
LCD segment 0
24 13 12
PB0/TIM2_CH1/
LCD_SEG10(2)/
ADC1_IN18/COMP1_INP
I/O
X
XX
HS
X
X Port B0
Timer 2 - channel 1 / LCD
segment 10 / ADC1_IN18 /
Comparator 1 positive input
25 14 13
PB1/TIM3_CH1/
LCD_SEG11(2)/
ADC1_IN17/COMP1_INP
I/O
X
XX
HS
X
X Port B1
Timer 3 - channel 1 / LCD
segment 11 / ADC1_IN17 /
Comparator 1 positive input
26 15 14
PB2/ TIM2_CH2/
LCD_SEG12(2)/
ADC1_IN16/COMP1_INP
I/O
X
XX
HS
X
X Port B2
Timer 2 - channel 2 / LCD
segment 12 / ADC1_IN16/
Comparator 1 positive input
27
-
-
PB3/TIM2_TRIG/
LCD_SEG13(2)/
ADC1_IN15/COMP1_INP
I/O
X
XX
HS
X
X Port B3
Timer 2 - trigger / LCD segment
13 /ADC1_IN15 / Comparator 1
positive input
-16
-
PB3/[TIM2_TRIG](3)/
TIM1_CH2N/LCD_SEG13
(2)/ADC1_IN15/
COMP1_INP
I/O
X
XX
HS
X
X Port B3
[Timer 2 - trigger] / Timer 1
inverted channel 2 / LCD
segment 13 / ADC1_IN15 /
Comparator 1 positive input
--
15
PB3/[TIM2_TRIG](3)/
TIM1_CH1N/
LCD_SEG13(2)/
ADC1_IN15/RTC_ALARM
/COMP1_INP
I/O
X
XX
HS
X
X Port B3
[Timer 2 - trigger] / Timer 1
inverted channel 1/ LCD segment
13 / ADC1_IN15 /
RTC alarm/ Comparator 1
positive input
28
-
-
PB4/[SPI1_NSS](3)/
LCD_SEG14(2)/
ADC1_IN14/COMP1_INP
I/O
X
XX
HS
X
X Port B4
[SPI1 master/slave select] / LCD
segment 14 / ADC1_IN14 /
Comparator 1 positive input
-17 16
PB4/[SPI1_NSS](3)/
LCD_SEG14(2)/
ADC1_IN14/
COMP1_INP/DAC_OUT
I/O
X
XX
HS
X
X Port B4
[SPI1 master/slave select] / LCD
segment 14 / ADC1_IN14 /
DAC output /
Comparator 1 positive input
29
-
-
PB5/[SPI1_SCK](3)/
LCD_SEG15(2)/
ADC1_IN13/COMP1_INP
I/O
X
XX
HS
X
X Port B5
[SPI1 clock] / LCD segment 15 /
ADC1_IN13 / Comparator 1
positive input
-18 17
PB5/[SPI1_SCK](3)/
LCD_SEG15(2)/
ADC1_IN13/DAC_OUT/
COMP1_INP
I/O
X
XX
HS
X
X Port B5
[SPI1 clock] / LCD segment 15 /
ADC1_IN13 / DAC output/
Comparator 1 positive input
Table 4.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More