Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F107RC Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STM32F107RC
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RC Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STM32F107RC Datasheet HTML 22Page - STMicroelectronics STM32F107RC Datasheet HTML 23Page - STMicroelectronics STM32F107RC Datasheet HTML 24Page - STMicroelectronics STM32F107RC Datasheet HTML 25Page - STMicroelectronics STM32F107RC Datasheet HTML 26Page - STMicroelectronics STM32F107RC Datasheet HTML 27Page - STMicroelectronics STM32F107RC Datasheet HTML 28Page - STMicroelectronics STM32F107RC Datasheet HTML 29Page - STMicroelectronics STM32F107RC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
Pinouts and pin description
STM32F105xx, STM32F107xx
26/95
Doc ID 15274 Rev 4
26
17
PA3
I/O
PA3
USART2_RX(7)/
TIM5_CH4/ADC12_IN3 /
TIM2_CH4(7)/ ETH_MII_COL
27
18
VSS_4
SVSS_4
28
19
VDD_4
SVDD_4
29
20
PA4
I/O
PA4
SPI1_NSS(7)/DAC_OUT1 /
USART2_CK(7) / ADC12_IN4
SPI3_NSS
30
21
PA5
I/O
PA5
SPI1_SCK(7) /
DAC_OUT2 / ADC12_IN5
31
22
PA6
I/O
PA6
SPI1_MISO(7)/ADC12_IN6 /
TIM3_CH1(7)
TIM1_BKIN
32
23
PA7
I/O
PA7
SPI1_MOSI(7)/ADC12_IN7 /
TIM3_CH2(7)/ ETH_MII_RX_DV/
ETH_RMII_CRS_DV
TIM1_CH1N
33
24
PC4
I/O
PC4
ADC12_IN14 / ETH_MII_RXD0 /
ETH_RMII_RXD0
34
25
PC5
I/O
PC5
ADC12_IN15 / ETH_MII_RXD1 /
ETH_RMII_RXD1
35
26
PB0
I/O
PB0
ADC12_IN8/TIM3_CH3/
ETH_MII_RXD2
TIM1_CH2N
36
27
PB1
I/O
PB1
ADC12_IN9 / TIM3_CH4(7)/
ETH_MII_RXD3
TIM1_CH3N
37
28
PB2
I/O FT
PB2/BOOT1
38
-
PE7
I/O FT
PE7
TIM1_ETR
39
-
PE8
I/O FT
PE8
TIM1_CH1N
40
-
PE9
I/O FT
PE9
TIM1_CH1
41
-
PE10
I/O FT
PE10
TIM1_CH2N
42
-
PE11
I/O FT
PE11
TIM1_CH2
43
-
PE12
I/O FT
PE12
TIM1_CH3N
44
-
PE13
I/O FT
PE13
TIM1_CH3
45
-
PE14
I/O FT
PE14
TIM1_CH4
46
-
PE15
I/O FT
PE15
TIM1_BKIN
47
29
PB10
I/O FT
PB10
I2C2_SCL/USART3_TX(7)/
ETH_MII_RX_ER
TIM2_CH3
48
30
PB11
I/O FT
PB11
I2C2_SDA/USART3_RX(7)/
ETH_MII_TX_EN/
ETH_RMII_TX_EN
TIM2_CH4
Table 5.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95