| Moteur de recherche de fiches techniques de composants électroniques |
|
SPT-R030-HS2B Fiches technique(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
SPT-R030-HS2B Fiches technique(HTML) 2 Page - DDK Ltd. |
|
2 / 2 page ![]() Unit:mm SPT Series http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. ○ 0.8mm PITCH CONNECTOR 2 7.40 REF 15.00 REF 13.40 13.60 A B 11.20 0.40 0.80 5.80 11.20 13.60 11.20 5.80 1.00 0.80 0.40 2.00±0.05 0.50±0.03 30 PLC 30 PLC φ1.55±0.05 2 PLC AB AB 0.06 0.10 PCB LAYOUT AB 0.06 SPT-RSB30B-12-FG SPT-R030-HS2 □ SPT-R030-CP SPT-R030-CA 7.0 DL CL 64.03 REF 22.20 5×9.00 Pitch= 45.00 5×9.00 Pitch= 45.00 PCB MOUNTING DIMENSIONS (REFERENCE) 9.00 3.60 φ1.05±0.05 0.10 A B 9.00 0.90 7.60 B X 14PLC 4.10 4.10 0.90 A 2-φ1.55±0.05 0.10 A B 2.00±0.05 Detail X 0.06 A B 0.50±0.03 A B 0.06 ○ CAGE for XFP ○ HEAT SINK and CLIP 33.00REF 57.30 REF See P/N Height of Fin A : 4.2mm B : 6.5mm 32.00 2.00 3PLC 19.45REF |