Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC89E53AF Fiches technique(PDF) 22 Page - Megawin Technology Co., Ltd

No de pièce MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEGAWIN [Megawin Technology Co., Ltd]
Site Internet  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Fiches technique(HTML) 22 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
IP (or XICON) and IPH are combined to form 4-level priority interrupt as the following table.
Priority
{IPH.x , IP.x}
Level
11
1 (highest)
10
2
01
3
00
4
SFR: XICON (External Interrupt Control):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3 : If set, Set priority for external interrupt 3 higher
EX3 : If set, Enables external interrupt 3.
IE3
: Interrupt 3 Edge flag. Sets by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT3
: Interrupt 3 type control bit. Set/Cleared by software to specified falling edge/low level triggered
interrupt.
PX2 : If set, Set priority for external interrupt 3 higher
EX2 : If set, enables external interrupt 2.
IE2
: Interrupt 2 Edge flag. Sets by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT2
: Interrupt 2 types control bit. Set/Cleared by software to specify falling edge/low level triggered
interrupt.
Watchdog Timer
8-bit pre-scalar timer
15-bit WDT
PS0
PS1
PS2
RESET
8
ENW
CLK/12
CLRW
IDLE
WIDL
22
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38