| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC2F35L Fiches technique(PDF) 19 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC2F35L Fiches technique(HTML) 19 Page - Megawin Technology Co., Ltd |
|
19 / 46 page ![]() MEGAWIN MPC2F35_USB Data Sheet 19 FADDR: USB Function Address Register Read/Write Address: 08H Default: X000_0000 System Reset or USB Reset Bit Number Bit Mnemonic Function 7 - Reserved: Write zero to this bit. 6:0 A [6:0] Function Address: This register holds the address for the USB function. During bus enumeration, it is written with a unique value assigned by the host. |