| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5505-ASZ Fiches technique(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5505-ASZ Fiches technique(HTML) 30 Page - Cirrus Logic |
|
30 / 40 page ![]() CS5505/6/7/8 30 DS59F7 ORDERING INFORMATION ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Resolution Liearity Error Channels Package Temperature CS5505-ASZ (lead free) 16 Bits 0.0030% 4 24-pin SOIC -40 to +85 °C CS5506-BSZ (lead free) 20 Bits 0.0015% CS5507-ASZ (lead free) 16 Bits 0.0030% 1 20-pin SOIC CS5508-BSZ (lead free) 20 Bits 0.0015% Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5505-ASZ (lead free) 260 °C 3 7 Days CS5506-BSZ (lead free) CS5507-ASZ (lead free) CS5508-BSZ (lead free) |