Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS79005 Fiches technique(PDF) 2 Page - Intersema Sensoric SA

No de pièce MS79005
Description  PRESSURE SENSOR DIE (0-0.5 BAR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSEMA [Intersema Sensoric SA]
Site Internet  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS79005 Fiches technique(HTML) 2 Page - Intersema Sensoric SA

  MS79005 Datasheet HTML 1Page - Intersema Sensoric SA MS79005 Datasheet HTML 2Page - Intersema Sensoric SA MS79005 Datasheet HTML 3Page - Intersema Sensoric SA MS79005 Datasheet HTML 4Page - Intersema Sensoric SA MS79005 Datasheet HTML 5Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA79005_000.doc
May 07, 2009
2/5
000790051447
ECN 1186
BOND PAD CONFIGUTRATION
Vs+/Epi
Out-
Out+
GND1
GND2
MS7901
R5+
R5-
R6+
R6-
Important remarks:
As the sensing elements are diffused resistances, the voltage
applied on the ground pads (GND1 and GND2) has to be lower
than the voltage applied on supply voltage pad (Vs+).
The epitaxial layer is connected to the Vs+ pin under the pad.
Gold ball bonding or aluminium wedge bonding can be used to
wire-bond the sensor. The quality of the wire-bonding is equipment
and
process
dependant.
For
this
reason,
it
is
strongly
recommended that a thorough wire-bonding qualification is made
by the end user if the sensor is going to be operated over an
extended temperature range.
LAYOUT (Absolute sensors)
MS79005-A_0.2
MS79005-A_0.2
Pad opening in passivation is 100 µ
µ
µ
µm



Html Pages

1 2 3 4 5