| Moteur de recherche de fiches techniques de composants électroniques |
|
PX-2600-NET-DA Fiches technique(PDF) 2 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
PX-2600-NET-DA Fiches technique(HTML) 2 Page - Vectron International, Inc |
|
2 / 4 page ![]() Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition RF Output Output Output taken directly from 10K, 10KH, ECLinPS or ECLinPS Lite gate, depending on temperature and frequency range. Comple- mentary outputs standard @ -5.2V Output Output taken directly from 100K, ECLinPS or ECLinPS Lite gate, depending on temperature and frequency range. Complemen- tary outputs standard. @ -4.5V Output (Standard) (Option) +7 +13 dBm dBm @ +15V (custom number required) Additional Parameters1 Phase Noise3 (typical 4-100 MHZ) -100 -125 -140 -145 dBc/Hz dBc/Hz dBc/Hz dBc/Hz 100 Hz 1 kHz 10 kHz 50 kHz Screen Testing of Above Models SCREEN TEST MIL-STD-883 METHOD Standard Options CLASS “X” CLASS “B” CLASS “S” Stabilization Bake (150°C) — X X Class S screen test requirements include 24 hour additional bake-out, 80 hour addi- tional burn-in, thermal shock, PIND test and radiographic inspection in addition to Class B Screening. Has major cost impact. Seal Test (Gross and Fine) 1014, Cond A2 X X Temperature Cycling (Thermal Shock) 1010, Cond B X Burn-in, operating 160 hours @125°C — X Acceleration (5000g in Y1 axis) 2001, Cond A X |