| Moteur de recherche de fiches techniques de composants électroniques |
|
DHF-RAA10-113NB-FA Fiches technique(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
DHF-RAA10-113NB-FA Fiches technique(HTML) 2 Page - DDK Ltd. |
|
2 / 3 page ![]() Unit:mm DHF Series http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. 2 ○ I/O Cable Plug Connector (Hood ) Part Number Number of Contact A B C D E (max.) DHF-PDA10- □ -A □ 1-FA 10 22.75 10.80 5.08 5.0 23.75 DHF-PDA20- □ -A □ 1-FA 20 29.10 17.15 11.43 5.8 30.10 DHF-PDA10-3-A01-FA Contact Plating 1 Contact Area: Au(0.76 μ m) over Ni Plating Tail Area: Sn-Ag Plating 2 Contact Area: Au(0.25 μ m) over Ni Plating Tail Area: Sn-Ag Plating 3 Contact Area: Au(Flash) over Ni Plating Tail Area: Sn-Ag Plating Mating Style P: Plug Connector Hood Color 0: Black 1: Beige 2: Gray 3: Dark Grry Connector Style DA: I/O Cable Type Hood Style A: Plastic Hood Straight (Long Hood) FA: Lead Free 1: DDK Mark Number of Contact 10, 20 ※ Please refer the instruction manual as attached with DHF assembly tool set. ※ DHF cable calmp assembly tools are used depend on the number of contact. Please refer to the above table. DHF Cable Calmp Assembly Tool Set DHF Cable Clamp Assembly Tool DHF Cable Clamp Locator for DHF-PDA10,20 357J-12773 357J-12199 357J-12228-1,-2 for DHF-PDA10 357J-12773-10 357J-12228-1 for DHF-PDA20 357J-12773-20 357J-12228-2 Assembly Tools 8 1 33 Assembly Tool Part Number Item Part Number DHF-HP □□ -D □□ Assembly Tool Set 357J-12463- □□ □ : Number of Contact (ex.) 10 contacts 357J-12463-10 DHF-PDA Cable Wiring and Cable Cutting Tool 357J-12224 DHF Termination Tool 357J-12198 DHF Cable Clamp Assembly Tool Set 357J-12773 DHF Cable Clamp Assembly Tool 357J-12199 DHF Cable Clamp Locator 357J-12228- □ |