Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMM151 Fiches technique(PDF) 5 Page - Summit Microelectronics, Inc.

No de pièce SMM151
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM151 Fiches technique(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM151 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
5
PIN DESCRIPTIONS (CONTINUED)
5
I/O
READY
Programmable active high/low open drain output indicates that VM+ - VM-
is at its set point. When programmed as an active high output, READY can
also be used as an input. When pulled low, it will latch the state of the
comparator inputs.
29
GND
GND
GND. The bottom side metal plate (Pad 29) should be connected on the
PCB for optimized noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23