Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB117A Fiches technique(PDF) 32 Page - Summit Microelectronics, Inc.

No de pièce SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Fiches technique(HTML) 32 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
32
SUMMIT
SMB113AN
AYYWW
Pin 1
Annn
Summit Part Number:
SMB113A, SMB113B,
SMB117 or SMB117A
Date Code (YYWW)
Part Number suffix
(Contains Customer specific
ordering requirements)
Lot tracking code (Summit use)
Drawing not
to scale
xx
Status Tracking Code
(01, 02,...)
(Summit Use)
Product Tracking Code (Summit use)
L
100% Sn, RoHS compliant
ORDERING INFORMATION
The default device ordering number is SMB113ANC-650L. It is tested over the commercial temperature range. The ordering number is
derived from the customer supplied hex file. New device suffix numbers are assigned to non-default requirements.
NOTICE
NOTE 1 – This is a Preliminary data sheet that describes a Summit that is in pre-production with limited characterization.
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described
herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained herein reflect representative operating parameters, and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked, SUMMIT Microelectronics, Inc. shall
not be liable for any damages arising as a result of any error or omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the
failure or malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their
safety or effectiveness. Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives
written assurances, to its satisfaction, that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks;
and (c) potential liability of SUMMIT Microelectronics, Inc. is adequately protected under the circumstances.
Revision 2.4 This document supersedes all previous versions.
Please check the Summit Microelectronics Inc. web site at
http://www.summitmicro.com for data sheet updates.
© Copyright 2007 SUMMIT MICROELECTRONICS, Inc. PROGRAMMABLE POWER FOR A GREEN PLANET™
ADOC
TM is a registered trademark of Summit Microelectronics Inc., I2C is a trademark of Philips Corporation.
PART MARKING
SMB113A N
Package
N = 32-Pad QFN
Summit
Part Number
Specific requirements are contained in the suffix
nnn
Part Number Suffix
L
C
C = Commercial
Temperature Range
BLANK = Industrial
L = 100% Sn, RoHS compliant
Environmental Attribute
SMB113A, SMB113B,
SMB117 or SMB117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32