| Moteur de recherche de fiches techniques de composants électroniques |
|
SMB117 Fiches technique(PDF) 32 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMB117 Fiches technique(HTML) 32 Page - Summit Microelectronics, Inc. |
|
32 / 32 page ![]() SMB113A/B/SMB117/A Preliminary Information Summit Microelectronics, Inc 2111 2.4 6/24/2008 32 SUMMIT SMB113AN AYYWW Pin 1 Annn Summit Part Number: SMB113A, SMB113B, SMB117 or SMB117A Date Code (YYWW) Part Number suffix (Contains Customer specific ordering requirements) Lot tracking code (Summit use) Drawing not to scale xx Status Tracking Code (01, 02,...) (Summit Use) Product Tracking Code (Summit use) L 100% Sn, RoHS compliant ORDERING INFORMATION The default device ordering number is SMB113ANC-650L. It is tested over the commercial temperature range. The ordering number is derived from the customer supplied hex file. New device suffix numbers are assigned to non-default requirements. NOTICE NOTE 1 – This is a Preliminary data sheet that describes a Summit that is in pre-production with limited characterization. SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained herein reflect representative operating parameters, and may vary depending upon a user’s specific application. While the information in this publication has been carefully checked, SUMMIT Microelectronics, Inc. shall not be liable for any damages arising as a result of any error or omission. SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the failure or malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their safety or effectiveness. Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives written assurances, to its satisfaction, that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; and (c) potential liability of SUMMIT Microelectronics, Inc. is adequately protected under the circumstances. Revision 2.4 This document supersedes all previous versions. Please check the Summit Microelectronics Inc. web site at http://www.summitmicro.com for data sheet updates. © Copyright 2007 SUMMIT MICROELECTRONICS, Inc. PROGRAMMABLE POWER FOR A GREEN PLANET™ ADOC TM is a registered trademark of Summit Microelectronics Inc., I2C is a trademark of Philips Corporation. PART MARKING SMB113A N Package N = 32-Pad QFN Summit Part Number Specific requirements are contained in the suffix nnn Part Number Suffix L C C = Commercial Temperature Range BLANK = Industrial L = 100% Sn, RoHS compliant Environmental Attribute SMB113A, SMB113B, SMB117 or SMB117A |