| Moteur de recherche de fiches techniques de composants électroniques |
|
SMB110 Fiches technique(PDF) 31 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMB110 Fiches technique(HTML) 31 Page - Summit Microelectronics, Inc. |
|
31 / 34 page ![]() SMB110 Preliminary Information Summit Microelectronics, Inc 2099 2.3 3/1/2005 31 S T A R T Bus Address W A C K M aster Slave A C K Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Data A C K A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 11 –Register Byte Write S T A R T Bus Address W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P M aster M aster Slave Slave A C K Data (16) Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (2) A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 12 –Register Page Write I2C PROGRAMMING INFORMATION (CONTINUED) S T A R T Bus Address W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P N A C K M aster M aster Slave Slave A C K Data (n) Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 S T A R T R A C K Bus Address A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 13 -Register Read |