Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6205FS23RG Fiches technique(PDF) 4 Page - Stanson Technology

No de pièce ST6205FS23RG
Description  Low ESR Low Power High-Speed CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6205FS23RG Fiches technique(HTML) 4 Page - Stanson Technology

  ST6205FS23RG Datasheet HTML 1Page - Stanson Technology ST6205FS23RG Datasheet HTML 2Page - Stanson Technology ST6205FS23RG Datasheet HTML 3Page - Stanson Technology ST6205FS23RG Datasheet HTML 4Page - Stanson Technology ST6205FS23RG Datasheet HTML 5Page - Stanson Technology ST6205FS23RG Datasheet HTML 6Page - Stanson Technology ST6205FS23RG Datasheet HTML 7Page - Stanson Technology ST6205FS23RG Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST6205
Low ESR Low Power High-Speed CMOS LDO
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6205 2007. Rev. 1
ELECTRICAL CHARACTERISTICS (TA = 25℃ unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT(E)
VIN=VOUT+1.0V
,IOUT=
30mA
x 0.98 VOUT(T) x 1.02
V
Maximum Output Current
IOUT
VIN ≧VOUT +1.0V
300
mA
Load Regulation
△
VOUT
VOUT (T) >1.8V :
1mA≦IOUT≦100mA
25
VOUT(T)
X1%
mV
Vdif 1
IOUT=30mA
E2
E2
mV
Dropout Voltage
Vdif 2
IOUT=100mA
E3
E3
mV
Supply Current
IDD
VIN=5V
1.5
3.0
uA
Line Regulations
VOUT / ( △VIN–
VOUT )
VOUT(T)<4.5V :
VOUT(T)+1.0V≦VIN≦6V
VOUT(T) ≧ 4.5V :
5.5V≦VIN≦6.0V
IOUT = 30mA
0.05
0.25
%/V
Input Voltage
VIN
1.8
7.0
V
Output Voltage
Temperature
Characteristics
△
VOUT
/(△Topr–VOUT)
IOUT=30mA
-40℃≦Topr≦85℃
±100
ppm/℃
Ripple-Rejection
|PSRR|
VIN=VOUT+1.0V,
f=1KHZ, Vrip=0.5Vrms,
IOUT=60mA
40
dB
Current Limiter
Ishort
VIN=VOUT+1.5V,
VOUT=VSS
E4
mA
(NOTE 1) VOUT(T) = Specified Output Voltage
(NOTE 2) VOUT(E) = Effective Output Voltage (le. The output voltage when “VOUT(T)+1.0V" is provided at the
VIN pin while maintaining a certain IOUT value.)
(NOTE 3) Vdif = {VIN 1 (NOTE5) + VOUT 1 (NOTE4)}
(NOTE 4) VOUT1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T)
+ 1.0V} is Input.
(NOTE 5) VIN 1 = The Input Voltage when VOUT 1 appears as Input Voltage is gradually decreased.
(NOTE 6) Unless otherwise stated, VIN = VOUT(T)+1.0V
E1
E2
E3
E4
VOUT (2%)
IOUT
Vdif1
Vdif2
Ishort
VOUT
Min
Max
Min
Typ
Max
Typ
Max
Typ
1.5
1.47
1.53
200
350
500
750
850
155
1.8
1.76
1.86
250
90
150
250
350
130
2.5
2.45
2.55
250
65
120
200
300
115
3.0
2.94
3.06
250
40
100
150
200
80
3.1
3.03
3.16
250
40
100
150
200
80
3.3
3.23
3.36
250
35
100
140
200
80



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com