| Moteur de recherche de fiches techniques de composants électroniques |
|
SD4870CTR Fiches technique(PDF) 2 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SD4870CTR Fiches technique(HTML) 2 Page - Silan Microelectronics Joint-stock |
|
2 / 8 page ![]() BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Characteristics Symbol Rating Unit VDD Voltage VVDD 25 V FB Voltage VFB -0.3~6 V SENSE Voltage VSENSE -0.3~6 V RI Voltage VRI -0.3~6 V Junction Temperature Tj -20~150 °C Lead Temperature TL 260 °C Storage Temperature Tstg -55~160 °C HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.0 2009.09.22 Http://www.silan.com.cn Page 2 of 8 |