| Moteur de recherche de fiches techniques de composants électroniques |
|
SC9638FP Fiches technique(PDF) 13 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC9638FP Fiches technique(HTML) 13 Page - Silan Microelectronics Joint-stock |
|
13 / 13 page ![]() SC9638FP PACKAGE OUTLINE QFP-64-14X14-0.8 UNIT: mm HANDLING MOS DEVICES: Electrostatic charges can exist in many things. All of our MOS devices are internally protected against electrostatic discharge but they can be damaged if the following precautions are not taken: • Persons at a work bench should be earthed via a wrist strap. • Equipment cases should be earthed. • All tools used during assembly, including soldering tools and solder baths, must be earthed. • MOS devices should be packed for dispatch in antistatic/conductive containers. Note: Silan reserves the right to make changes without notice in this specification for the improvement of the design and performance. Silan will supply the best possible product for customers. HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.0 2008.03.24 Http: www.silan.com.cn Page 13 of 13 |