| Moteur de recherche de fiches techniques de composants électroniques |
|
SC73P1601MATR Fiches technique(PDF) 11 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73P1601MATR Fiches technique(HTML) 11 Page - Silan Microelectronics Joint-stock |
|
11 / 22 page ![]() SC73P1601 HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.4 2009.08.03 Http: www.silan.com.cn Page 11 of 22 INSTRUCTION SETS 1. Transmit instruction Instruction Operation CF SF Cycle LD A, LL A ← LL --- 1 2 LD A, B A ← B --- 1 2 LD A, H A ← H --- 1 2 LD A, D A ← D --- 1 2 LD A, @LL A ← RAM(LL) --- 1 1 LD A, #k A ← k --- 1 1 LD CL1, A CL1 ← A --- 1 2 LD CL0, A CL0 ← A --- 1 2 LD CH1, A CH1 ← A --- 1 2 LD CH0, A CH0 ← A --- 1 2 LDH A, @BD A ← ROM(BD)7-4 --- 1 2 LDL A, @BD A ← ROM(BD)3-0 --- 1 2 LDS A, @BD A ← ROM(BD)8 --- 1 2 LDH @LL, @BD RAM(LL) ← ROM(BD)7-4 --- 1 2 LDL @LL, @BD RAM(LL) ← ROM(BD)3-0 --- 1 2 LDS @LL, @BD RAM(LL) ← ROM(BD)8 --- 1 2 LD LL, A LL ← A --- 1 2 LD LL, #k LL ← k --- 1 1 LD @LL, A RAM(LL) ← A --- 1 1 LD @LL, #k RAM(LL) ← k --- 1 1 LD D, A D ← A --- 1 2 LD H, A H ← A --- 1 2 LD B, A B ← A --- 1 2 LD PR, A PR ← A --- 1 2 LD PR2, A PR2 ← A --- 1 2 LD TM, A TM ← A --- 1 2 LD A, TM A ← TM --- 1 2 1 LD A, LL Load values in the LL register to the accumulator. 2 LD A, D Load values in the D register to the accumulator. 3 LD A, H Load values in the H register to the accumulator. 4 LD A, B Load values in the B register to the accumulator. 5 LD A, @LL Load the contents of RAM pointed at by the LL ( LL & LH) register to accumulator. 6 LD A, #k Load the 4 bit immediate K to accumulator. 7 LDL A, @BD Load the lower 4 bit of ROM data pointed at by the BHD to accumulator. 8 LDH A, @BD Load the higher 4 bit of ROM data pointed at by the BHD to accumulator. 9 LDS A, @BD Load the highest 1 bit of ROM data pointed at by the BHD to accumulator 10 LDL @LL, @BD Load the lower 4 bit of ROM data pointed at by the BHD to RAM pointed at by the LL register. |