Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC74HC595 Fiches technique(PDF) 13 Page - Silan Microelectronics Joint-stock

No de pièce SC74HC595
Description  8BIT SHIFT REGISTER (SERIAL INPUT, 3S PARALLEL OUTPUT WITH LATCHES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC74HC595 Fiches technique(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC74HC595 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC74HC595 Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SC74HC595
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.19
Http
: www.silan.com.cn
Page 13 of 13
PACKAGE OUTLINE
SSOP-16-300-0.65
UNIT: mm
0.65
6.15±0.20
1.65±0.20
0.18±0.015
0.15±0.05
0
8°
0.33
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against
electrostatic discharge but they can be damaged if the following precautions are not taken:
• Persons at a work bench should be earthed via a wrist strap.
• Equipment cases should be earthed.
• All tools used during assembly, including soldering tools and solder baths, must be earthed.
• MOS devices should be packed for dispatch in antistatic/conductive containers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13