Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC65D02P40 Fiches technique(PDF) 13 Page - Silan Microelectronics Joint-stock

No de pièce SC65D02P40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02P40 Fiches technique(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC65D02P40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC65D02P40 Datasheet HTML 16Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SC65D02P40
TYPICAL APPLICATION CIRCUIT
Figure11(c) - Typical application circuit (c)
Note:
The design precondition of above three typical application circuits is: if the circuit structure is not
changed, the SC65D02C40 can directly take the place of SC65D02P40;
Typical application circuit (a) is generally used in the situation with one LED lamp;
Typical application circuit (b) is generally used in the situation with many LED lamps, if no need to light
all the LEDs, you can use the typical application circuit (c) to save the cost.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.21
Http: //www.silan.com.cn
Page 13 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16