| Moteur de recherche de fiches techniques de composants électroniques |
|
SC65D02C40 Fiches technique(PDF) 10 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC65D02C40 Fiches technique(HTML) 10 Page - Silan Microelectronics Joint-stock |
|
10 / 16 page ![]() SC65D02C40 The oscillator clock OscClk generates TClk (the cycle is T) via the code transmitting basic clock. The counting clock of the carrier generator is from the system clock TClk, as shown in figure 8. Where, the high level and low level time of the carrier is decided by the customer set TX_Carrier, and the unit is T. Figure 8 – Carrier generation theory TClk generates high and low level basic unit time TH and TL via basic 0/1 generator. TH and TL are decided by setting TX_SetBase1 and TX_SetBase0, and unit is T. TH is the basic unit time of high level time, and TL is the basic unit time of low level time. Figure 9 – Code transmitting theory HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.1 2008.12.10 Http: //www.silan.com.cn Page 10 of 17 |