Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP3077EEN-L/TR Fiches technique(PDF) 19 Page - Exar Corporation

No de pièce SP3077EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

SP3077EEN-L/TR Fiches technique(HTML) 19 Page - Exar Corporation

Back Button SP3077EEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 14Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 15Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 16Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 17Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 18Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 19Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 20Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
Model
Temperature Range
Package
SP3070EEN-L..................................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3070EEN-L/TR ............................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3070EMN-L ................................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3070EMN-L/TR...........................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3071EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3071EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3071EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3071EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3072EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3072EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3072EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3072EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3073EEN-L..................................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3073EEN-L/TR ............................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3073EMN-L ................................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3073EMN-L/TR...........................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3074EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3074EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3074EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3074EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3075EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3075EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3075EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3075EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3076EEN-L..................................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3076EEN-L/TR ............................................-40˚C to +85˚C...................................................... 14-pin NSOIC
SP3076EMN-L ................................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3076EMN-L/TR...........................................-40˚C to +125˚C..................................................... 14-pin NSOIC
SP3077EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3077EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3077EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3077EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3078EEN-L..................................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3078EEN-L/TR ............................................-40˚C to +85˚C........................................................ 8-pin NSOIC
SP3078EMN-L ................................................-40˚C to +125˚C....................................................... 8-pin NSOIC
SP3078EMN-L/TR...........................................-40˚C to +125˚C....................................................... 8-pin NSOIC
ORDERING INFORMaTION
For availability of PDIP or other packaging contact factory.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3074EEN/TR = standard; SP3074EEN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for NSOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20