Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP490EN/TR Fiches technique(PDF) 12 Page - Exar Corporation

No de pièce SP490EN/TR
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

SP490EN/TR Fiches technique(HTML) 12 Page - Exar Corporation

Back Button SP490EN/TR Datasheet HTML 4Page - Exar Corporation SP490EN/TR Datasheet HTML 5Page - Exar Corporation SP490EN/TR Datasheet HTML 6Page - Exar Corporation SP490EN/TR Datasheet HTML 7Page - Exar Corporation SP490EN/TR Datasheet HTML 8Page - Exar Corporation SP490EN/TR Datasheet HTML 9Page - Exar Corporation SP490EN/TR Datasheet HTML 10Page - Exar Corporation SP490EN/TR Datasheet HTML 11Page - Exar Corporation SP490EN/TR Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
Model
Temperature Range
Package
SP490CN. ......................................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490CN/TR .................................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490CS .......................................................................................0˚C to +70˚C .................................................................................8-Pin PDIP
SP490EN ..................................................................................... -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP490EN/TR................................................................................ -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP490ES...................................................................................... -40˚C to +85˚C................................................................................8-Pin PDIP
SP49CN .......................................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49CN/TR .................................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49CS .......................................................................................0˚C to +70˚C ................................................................................4-Pin PDIP
SP49EN ..................................................................................... -40˚C to +85˚C............................................................................. 4-Pin NSOIC
SP49EN/TR................................................................................ -40˚C to +85˚C............................................................................. 4-Pin NSOIC
SP49ES...................................................................................... -40˚C to +85˚C...............................................................................4-Pin PDIP
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP49CN/TR = standard; SP49CN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2500 for NSOIC.
ORDERINGINFORMATION
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet June 2008
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
REVISION HISTORY
Date
Revision Description
02/24/05
-
Sipex Legacy Data Sheet
07/4/08
.0.0
Convert to Exar format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12