Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MWDM3L-15PBSP Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce MWDM3L-15PBSP
Description  Micro-D Metal Shell Printed Circuit Board Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM3L-15PBSP Fiches technique(HTML) 2 Page - Glenair, Inc.

  MWDM3L-15PBSP Datasheet HTML 1Page - Glenair, Inc. MWDM3L-15PBSP Datasheet HTML 2Page - Glenair, Inc. MWDM3L-15PBSP Datasheet HTML 3Page - Glenair, Inc. MWDM3L-15PBSP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-11
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
DIMENSIoNS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G
H
J Max.
K
In.
mm.
In.
±.003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
±.004
mm.
±0.10
In.
±.010
mm.
±0.25
In.
±.007
mm.
±0.18
In.
mm.
In.
±.010
mm.
±0.25
9P
.790 20.07
.565 14.35
.333 8.46
.184 4.67
.310 7.87
.183 4.65
.333 8.46 1.150 29.21 1.390 35.31
.155
3.94
9S
.790 20.07
.565 14.35
.400 10.16
.250 6.35
.310 7.87
.195 4.95
.333 8.46 1.150 29.21 1.390 35.31
.155
3.94
15P
.940 23.88
.715 18.16
.483 12.27
.184 4.67
.310 7.87
.183 4.65
.333 8.46 1.150 29.21 1.390 35.31
.155
3.94
15S
.940 23.88
.715 18.16
.551 14.00
.250 6.35
.310 7.87
.195 4.95
.333 8.46 1.150 29.21 1.390 35.31
.155
3.94
21P
1.180 29.97
.865 21.97
.633 16.08
.184 4.67
.310 7.87
.183 4.65
.333 8.46 1.450 36.83 1.690 42.93
.155
3.94
21S
1.180 29.97
.865 21.97
.701 17.81
.250 6.35
.310 7.87
.195 4.95
.333 8.46 1.450 36.83 1.690 42.93
.155
3.94
25P
1.275 32.39
.965 24.51
.733 18.62
.184 4.67
.310 7.87
.183 4.65
.333 8.46 1.500 38.10 1.740 44.20
.155
3.94
25S
1.275 32.39
.965 24.51
.801 20.35
.250 6.35
.310 7.87
.195 4.95
.333 8.46 1.500 38.10 1.740 44.20
.155
3.94
31P
1.575 40.01 1.115 28.32
.883 22.43
.184 4.67
.310 7.87
.183 4.65
.333 8.46 1.800 45.72 2.040 51.82
.155
3.94
31S
1.575 40.01 1.115 28.32
.951 24.16
.250 6.35
.310 7.87
.195 4.95
.333 8.46 1.800 45.72 2.040 51.82
.155
3.94
37P
1.875 47.63 1.265 32.13 1.033 26.24
.184 4.67
.310 7.87
.183 4.65
.333 8.46 2.100 53.34 2.340 59.44
.155
3.94
37S
1.875 47.63 1.265 32.13 1.101 27.96
.250 6.35
.310 7.87
.195 4.95
.333 8.46 2.100 53.34 2.340 59.44
.155
3.94
51P
1.775 45.09 1.215 30.86
.983 24.97
.224 5.69
.351 8.92
.183 4.65
.333 8.46 2.000 50.80 2.270 57.64
.155
3.94
51S
1.775 45.09 1.215 30.86 1.051 26.70
.293 7.44
.351 8.92
.195 4.95
.333 8.46 2.000 50.80 2.270 57.64
.155
3.94
100P
2.585 65.66 1.800 45.72 1.383 35.13
.270 6.86
.394 10.01
.183 4.65
.525 13.34 2.800 71.12 3.250 82.55
.293
7.44
100S
2.585 65.66 1.800 45.72 1.451 36.86
.333 8.46
.394 10.01
.195 4.95
.525 13.34 2.800 71.12 3.250 82.55
.293
7.44
Micro-D Metal Shell Printed Circuit Board Connectors
BS Style Vertical Mount thru-Hole
TAIL LENGH
2 X PCB MTNG HOLES
9-51 CONTACTS .096 ± .005 (2.43 ± 0.13)
100 CONTACTS .125 ± .005 (23.18 ± 0.13)
D
E
J
H
B
.020 ± .002 (0.51± 0.05)
C
F
G
A
K
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)
± .015 (0.38)



Html Pages

1 2 3 4