Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9547/PCBZ Fiches technique(PDF) 94 Page - Analog Devices

No de pièce AD9547/PCBZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9547/PCBZ Fiches technique(HTML) 94 Page - Analog Devices

Back Button AD9547/PCBZ Datasheet HTML 90Page - Analog Devices AD9547/PCBZ Datasheet HTML 91Page - Analog Devices AD9547/PCBZ Datasheet HTML 92Page - Analog Devices AD9547/PCBZ Datasheet HTML 93Page - Analog Devices AD9547/PCBZ Datasheet HTML 94Page - Analog Devices AD9547/PCBZ Datasheet HTML 95Page - Analog Devices AD9547/PCBZ Datasheet HTML 96Page - Analog Devices AD9547/PCBZ Datasheet HTML 97Page - Analog Devices AD9547/PCBZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
AD9547
Rev. 0 | Page 94 of 104
Table 140. Input Reference Status
Address
Bit
Bit Name
Description
0x0D0C
7
Profile selected
The control logic sets this bit when it assigns Ref A to one of the eight profiles.
[6:4]
Selected profile
The index (0 to 7) of the profile assigned to Ref A.
Note that these bits are meaningless unless Bit 7 = 1.
3
Valid
Ref A is valid for use (that is, it is unfaulted, and its validation timer has expired).
2
Fault
Ref A is not valid for use.
1
Fast
If Bit 7 = 1, this bit indicates that the frequency of Ref A is higher than allowed by its profile settings.
If Bit 7 = 0, this bit indicates that the frequency of Ref A is above the maximum input reference
frequency supported by the device.
0
Slow
If Bit 7 = 1, this bit indicates that the frequency of Ref A is lower than allowed by its profile settings.
If Bit 7 = 0, this bit indicates that the frequency of Ref A is below the minimum input reference
frequency supported by the device.
0x0D0D
[7:0]
Same as 0x0D0C but for REF AA instead of REF A.
0x0D0E
[7:0]
Same as 0x0D0C but for REF B instead of REF A.
0x0D0F
[7:0]
Same as 0x0D0C but for REF BB instead of REF A.
0x0D10
[7:0]
Unused
Unused.
0x0D11
[7:0]
0x0D12
[7:0]
0x0D13
[7:0]
Table 141. Holdover History1
Address
Bit
Bit Name
Description
0x0D14
[7:0]
Tuning word
history
Tuning word readback, Bits[7:0].
0x0D15
[7:0]
Tuning word readback, Bits[15:8].
0x0D16
[7:0]
Tuning word readack, Bits[23:16].
0x0D17
[7:0]
Tuning word readback, Bits[31:24].
0x0D18
[7:0]
Tuning word readback, Bits[39:32].
0x0D19
[7:0]
Tuning word readback, Bits[47:40].
1 These registers contain the current 48-bit DDS frequency tuning word generated by the tuning word history logic.
NONVOLATILE MEMORY (EEPROM) CONTROL (REGISTER 0x0E00 TO REGISTER 0x0E03)
Table 142. Write Protect
Address
Bit
Bit Name
Description
0x0E00
[7:2]
Unused
Unused.
1
Half rate mode
EEPROM serial communication rate.
0 (default) = 400 kHz (normal).
1 = 200 kHz.
0
Write enable
EEPROM write enable/protect.
0 (default) = EEPROM is write protected.
1 = EEPROM is write enabled.
Table 143. Condition
Address
Bit
Bit Name
Description
0x0E01
[7:5]
Unused
Unused.
[4:0]
Condition value
When set to a nonzero value (default = 0), these bits establish the condition for EEPROM downloads.
Table 144. Save
Address
Bit
Bit Name
Description
0x0E02
[7:1]
Unused
Unused.
0
Save to EEPROM
Upload data to the EEPROM based on in the EEPROM storage sequence. This is an autoclearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More