| Moteur de recherche de fiches techniques de composants électroniques |
|
MS27477Y8D Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
MS27477Y8D Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2008 Glenair, Inc. E-Mail: sales@glenair.com B-17 B MS27477 Jam Nut Mount Hermetic Receptacle MIL-DTL-38999 Series II TABLE I: CONNECTOR DIMENSIONS SHELL SIZE A THREAD CLASS 2A B DIA ±.016(0.4) C FLAT ±.004(0.1) D A/F ±.016(0.4) 8/08 .875-20 UNEF 1.375(34.9) .815(20.7) 1.25(31.8) 10 1.000-20 UNEF 1.5(38.1) .939(23.9) 1.375(34.9) 12 1.125-18 UNEF 1.625(41.3) 1.063(27.0) 1.5(38.1) 14 1.250-18 UNEF 1.75(44.5) 1.188(30.2) 1.625(41.3) 16 1.375-18 UNEF 1.938(49.2) 1.318(33.5) 1.781(45.2) 18 1.500-18 UNEF 2.016(51.2) 1.438(36.5) 1.890(48.0) 20 1.625-18 UNEF 2.141(54.4) 1.563(39.7) 2.016(51.2) 22 1.750-18 UNS 2.265(57.5) 1.688(42.9) 2.140(54.4) 24 1.875-16 UN 2.39(60.7) 1.813(46.1) 2.265(57.5) TABLE I (CONTINUED): CONNECTOR DIMENSIONS SHELL SIZE EP MAX ES MAX F ±.005(0.1) G DIA ±.005(0.1) H ±.005(0.1) L MAX 8/08 .281 (7.1) .359 (9.1) .438(11.1) .889(22.6) .828(21.0) .724(18.4) 10 .281 (7.1) .359 (9.1) .438(11.1) 1.015(25.8) .952(24.2) .724(18.4) 12 .281 (7.1) .359 (9.1) .438(11.1) 1.139(28.9) 1.076(27.3) .724(18.4) 14 .281 (7.1) .359 (9.1) .438(11.1) 1.264(32.1) 1.201(30.5) .724(18.4) 16 .281 (7.1) .359 (9.1) .438(11.1) 1.389(35.3) 1.331(33.8) .724(18.4) 18 .281 (7.1) .359 (9.1) .438(11.1) 1.515(38.5) 1.451(36.9) .724(18.4) 20 .250 (6.4) .344 (8.7) .464(11.8) 1.640(41.7) 1.576(40.0) .719(18.3) 22 .250 (6.4) .344 (8.7) .464(11.8) 1.745(44.3) 1.701(43.2) .719(18.3) 24 .250 (6.4) .344 (8.7) .464(11.8) 1.890(48.0) 1.826(46.4) .719(18.3) TABLE ll: CONTACT SIZE .050 ± .015 (1.27 ± 0.38) SIZE 22D AND SIZE 20 SIZE 12 AND SIZE 16 PRINTED CIRCUIT TAIL CONFIGURATIONS CONTACT STYLE C AND D P P Contact Size ø P 22D .011 (0.28) .015 (0.38) 20 .024 (0.61) .028 (0.71) 16 .0635 (1.61) .0615 (1.56) 12 .095 (2.41) .093 (2.36) G DIA Recommended Panel Cut-Out H Connector Series 232 - Series II Type Alternate Key Position A, B, C, D, (N = Normal) Connector Material / Finish ZL - CRES, Nickel Z1 - CRES, Passivated FT - Carbon Steel, Fused Tin Shell Size 08,10,12,14,16,18,20,22,24 232 - 100 - H7 Z1 10 - 35 P N Shell Style H7 - Hermetic Box Mount Connector Type 100 - Hermetic Receptacle Contact Termination P - Pin, Solder Cup X - Pin, Eyelet C - Pin, PCB S - Socket, Solder Cup Z - Socket, Eyelet D - Socket, PCB How To Order: Commercial Insert Arrangement Per MIL-STD-1560; See Pages B-2 - B-4 |