| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8120ACPZ-R2 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8120ACPZ-R2 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 16 page ![]() AD8120 Rev. 0 | Page 11 of 16 BYTE 2 DATA BYTE 1 R/W BIT AND COLOR REGISTER START STOP CS SCK SDI SDO 0000000 1 XX XXXXX X X X 1010 0 1 X XXXXXXX Figure 17. Setting the Green Register to Delay Code 42 Using SPI BYTE 2 DATA BYTE 1 R/W BIT AND COLOR REGISTER START STOP CS SCK SDI SDO 1000001 0 X X 01010 1 XX XXXX X X X XXXX XXX Figure 18. Reading Delay Code 21 from the Blue Register Using SPI |