Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS111PCP10/883C Fiches technique(PDF) 18 Page - Austin Semiconductor

No de pièce AS111PCP10/883C
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111PCP10/883C Fiches technique(HTML) 18 Page - Austin Semiconductor

Back Button AS111PCP10/883C Datasheet HTML 14Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 15Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 16Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 17Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 18Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 19Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 20Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 21Page - Austin Semiconductor AS111PCP10/883C Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
18
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
ASI Case (Package Designator CP10)
SMD 5962-00524, Case Outline H
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIL-STD-1835 outline drawing GDFP1-F10
A
C
Q
L
L
D
e
E
A
C
D
E
e
Q
L
Min
Max
.004
.009
.235
.260
.050 BSC
.250
.370
.026
.045
.226
.251
.045
.085
B
B
.010
.022
PIN 1
Notes:
1. Lead Finish: Solder dipped with Sn 60 or Sn63 solder conforming to MIL-PRF-38535 to a min thickness
of 200 micro-inches. Solder may be applied over lead base metal or Sn plate. Max limit may be increased by
.003 inches after lead finish applied.
2. Lead 1 identification shall be:
a) A notch or other mark within this area.
b) a TAB on lead 1, either side.
1
5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22