Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2111C016/XT Fiches technique(PDF) 4 Page - Austin Semiconductor

No de pièce AS2111C016/XT
Description  Dual Voltage Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS2111C016/XT Fiches technique(HTML) 4 Page - Austin Semiconductor

  AS2111C016/XT Datasheet HTML 1Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 2Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 3Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 4Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 5Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 6Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Dual
Dual
Dual
Dual
Dual V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS2111
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS2111
Rev. 1.6 6/05
Austin Semiconductor, Inc.
ASI Case (Package Designator C)
M38510/10305B, Case Outline E
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
---
0.200
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
0.840
E
0.220
0.310
e
eA
L
0.125
0.200
Q
0.015
0.060
S1
0.005
---
S2
0.005
---
SYMBOL
ASI SPECIFICATIONS
0.100 BCS
0.300 BSC



Html Pages

1 2 3 4 5 6 7