Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS117TO39/XT Fiches technique(PDF) 9 Page - Austin Semiconductor

No de pièce AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Fiches technique(HTML) 9 Page - Austin Semiconductor

Back Button AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 10Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 11Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
ASI Case (Package Designator TO-39)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
Mil Std 5962-99517 case X
3-Lead CAN TO-39 Case Outline
D1
D
A1
k1
k
e1
L2
L
F
K2
A
L1
b
b1
e
A
A1
b
b1
D
D1
e
e1
F
k
k1
K2
L
L1
L2
Min
Max
.165
.195
.100
----
.016
.019
.016
.021
.335
.370
.305
.335
.200 BSC
.100 BSC
----
.050
.028
.034
.029
.045
.009
.041
.500
----
----
.050
.250
----
45 T.P.
1
2
3
Ag
Ag



Html Pages

1 2 3 4 5 6 7 8 9 10 11