Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1185F/XT Fiches technique(PDF) 6 Page - Austin Semiconductor

No de pièce AS1185F/XT
Description  Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1185F/XT Fiches technique(HTML) 6 Page - Austin Semiconductor

  AS1185F/XT Datasheet HTML 1Page - Austin Semiconductor AS1185F/XT Datasheet HTML 2Page - Austin Semiconductor AS1185F/XT Datasheet HTML 3Page - Austin Semiconductor AS1185F/XT Datasheet HTML 4Page - Austin Semiconductor AS1185F/XT Datasheet HTML 5Page - Austin Semiconductor AS1185F/XT Datasheet HTML 6Page - Austin Semiconductor AS1185F/XT Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
REGULA
REGULA
REGULA
REGULA
REGULAT
TT
T
TOR
OR
OR
OR
OR
AS1185
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS1185
Rev. 1.1 6/05
Austin Semiconductor, Inc.
Package Designator F
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
0.250
0.260
B
0.250
0.260
C
0.900
---
D
0.100
0.110
E
0.155
0.165
F
0.004
0.006
G
0.032
0.043
H
0.015
0.019
I
0.047
0.053
SYMBOL
ASI SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7