| Moteur de recherche de fiches techniques de composants électroniques |
|
AS111PC008/XT Fiches technique(PDF) 5 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111PC008/XT Fiches technique(HTML) 5 Page - Austin Semiconductor |
|
5 / 22 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 5 AS111 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION Electrical Characteristics DC PARAMETERS: (SEE NOTE 8) (The following conditions apply to all the following parameters, unless otherwise specified.) DC: +Vcc = +15V, Vcm = 0V SYMBOL PARAMETER CONDITIONS NOTES PIN- NAME MIN MAX UNIT SUB- GROUPS Vio Input Offset Voltage Vin = 0V, Rs = 50 Ohms -3 +3 mV 1 -4 +4 mV 2, 3 +Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V, Vcm = -14.5V, Rs = 50 Ohms -3 +3 mV 1 -4 +4 mV 2, 3 +Vcc = 2V, -Vcc = -28V, Vin = 0V, Vcm = +13V, Rs = 50 Ohms -3 +3 mV 1 -4 +4 mV 2, 3 +Vcc = +2.5V, -Vcc = -2.5V, Vin = 0V, Rs = 50 Ohms -3 +3 mV 1 -4 +4 mV 2, 3 Vio(R) Raised Input Offset Voltage Vin = 0V, Rs = 50 Ohms -3 +3 mV 1 -4.5 +4.5 mV 2, 3 +Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V, Vcm = -14.5V, Rs = 50 Ohms -3 +3 mV 1 -4.5 +4.5 mV 2, 3 +Vcc = 2V, -Vcc = -28V, Vin = 0V, Vcm = +13V, Rs = 50 Ohms -3 +3 mV 1 -4.5 +4.5 mV 2, 3 Iio Input Offset Current Vin = 0V, Rs = 50K Ohms -10 +10 nA 1, 2 -20 +20 nA 3 +Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V, Vcm = -14.5V, Rs = 50K Ohms -10 +10 nA 1, 2 -20 +20 nA 3 +Vcc = 2V, -Vcc = -28V, Vin = 0V, Vcm = +13V, Rs = 50K Ohms -10 +10 nA 1, 2 -20 +20 nA 3 Iio(R) Raised Input Offset Current Vin = 0V, Rs = 50K Ohms -25 +25 nA 1, 2 -50 +50 nA 3 Iib+ Input Bias Current Vin = 0V, Rs = 50K Ohms -100 0.1 nA 1, 2 -150 0.1 nA 3 +Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V, Vcm = -14.5V, Rs = 50K Ohms -150 0.1 nA 1, 2 -200 0.1 nA 3 +Vcc = 2V, -Vcc = -28V, Vin = 0V, Vcm = +13V, Rs = 50K Ohms -150 0.1 nA 1, 2 -200 0.1 nA 3 5 |