| Moteur de recherche de fiches techniques de composants électroniques |
|
ITS4100SPMB Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
ITS4100SPMB Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() U.S. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A-27 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. ØA ØB ØD ØE K L L1 M R S ØT +0 +0.2 +0.1 She ll Size -0.1 C T hre a d J Ke y -0 -0 10 SL 18.2 8.5 M16 x 1 18.5 22.0 20 2.8 52.0 13.5 14.3 18.25 25.4 3.2 14 S 24.5 12.0 M20 x 1 22.3 25.0 23 3.3 52.0 13.5 14.5 23.00 30.4 3.2 16 S 27.2 14.5 M23 x 1 25.3 28.0 26 3.3 54.0 14.6 14.5 24.60 32.5 3.2 16 27.2 14.5 M23 x 1 25.3 28.0 26 3.3 63.0 14.6 19.1 24.60 32.5 3.2 18 30.7 17.5 M26 x 1 28.0 30.0 28 4.0 64.5 14.6 19.1 27.00 35.0 3.2 20 34.0 19.5 M30 x 1 32.3 34.5 32 4.0 64.5 14.6 19.1 29.40 38.0 3.2 22 37.3 22.0 M32 x 1 34.3 38.0 36 4.0 64.5 14.6 19.6 31.75 41.0 3.2 24 40.9 25.0 M36 x 1 38.3 41.0 39 4.0 66.0 14.6 20.6 34.90 44.5 3.7 28 46.7 29.0 M39 x 1 41.2 48.0 46 4.0 66.0 14.6 20.7 39.70 50.9 3.7 32 53.4 34.0 M45 x 1 48.3 54.0 52 4.0 67.5 14.6 22.3 44.45 57.0 4.3 36 59.6 38.5 M52 x 1 55.0 61.0 58 4.0 68.0 15.5 22.3 49.20 63.5 4.3 40 65.5 48.0 M59 x 1 62.0 68.0 65 4.0 68.0 15.5 22.3 55.55 69.9 4.3 Min. Ma x. +0.2 ±0.1 ±0.2 Ma x. ±0.2 ±0.2 TABLE I: DIMENSIONS ITS 3100 (SP) and ITS 4100 (SP) Front Panel Mount Square Flange Receptacle Assembly with Backshell for EMI/RFI Shield Termination CONTACT OPTIONS Sym Description B0 Connector Less Contacts B1 Connector with Gold Plated Contacts Omit for Standard Version (Silver Plated) FINISH OPTIONS Sym Description F2 Bright Nickel Plating F6 Black Electrodeposited Paint F7 Black Zn-Co Plating F8 Olive Drab Zn-Co Plating Omit for Standard Version (Cad/Olive Drab Finish) TABLE II: MODIFICATION CODES Sym Description B0 Connector Less Contacts B1 Connector with Gold Plated Contacts Sym Description F2 Bright Nickel Plating F6 Black Electrodeposited Paint F7 Black Zn-Co Plating F8 Olive Drab Zn-Co Plating |