Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4LC4M4DG-7/IT Fiches technique(PDF) 18 Page - Austin Semiconductor

No de pièce AS4LC4M4DG-7/IT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M4DG-7/IT Fiches technique(HTML) 18 Page - Austin Semiconductor

Back Button AS4LC4M4DG-7/IT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 12Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 13Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 14Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 15Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 16Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 17Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 18Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 19Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4LC4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
18
AS4LC4M4
Rev. 0.3 7/06
Austin Semiconductor, Inc.
*All measurements are in inches (millimeters).
MECHANICAL DEFINITIONS*
Package Designator DG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19