Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4SD32M16DGC-75/XT Fiches technique(PDF) 3 Page - Austin Semiconductor

No de pièce AS4SD32M16DGC-75/XT
Description  512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD32M16DGC-75/XT Fiches technique(HTML) 3 Page - Austin Semiconductor

  AS4SD32M16DGC-75/XT Datasheet HTML 1Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 2Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 3Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 4Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 5Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 6Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 7Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 8Page - Austin Semiconductor AS4SD32M16DGC-75/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 1.1 3/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
PIN NUMBER
SYMBOL
TYPE
DESCRIPTION
38
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input
signals are sampled on the positive edge of CLK. CLK also
increments the internal burst counter and controls the output
registers.
37
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the
CLK signal. Deactivating the clock provides PRECHARGE
POWER-DOWN and SLEF REFRESH operation (all banks idle),
ACTIVE POWER-DOWN (row active in any bank) or CLOCK
SUSPEND operation (burst/access in progress). CKE is
synchronous except after the device enters power-down and self
refresh modes, where CKE becomes asynchronous until after
exiting the same mode. The input buffers, including CLK, are
disabled during power-down and self refresh modes, providing low
standby power. CKE may be tied HIGH.
19
CS\
Input
Chip Select: CS\ enables (registered LOW) and disables
(registered HIGH) the command decoder. All commands are
masked when CS\ is registered HIGH. CS\ provides for external
bank selection on systems with multiple banks. CS\ in considered
part of the command code.
16, 17, 18
WE\, CAS\,
RAS\
Input
Command Inputs: WE\, CAS\ and RAS\ (along with CS\) define
the command being entered.
15, 39
DQML, DQMU
Input
Input/Output Mask: DQM is an input mask signal for write
accesses and an output enable signal for read accesses. Input
data is masked when DWM is sampled HIGH during a WRITE
cycle. The outptu buffers are placed in a High-Z state (two-clock
latency) when DQM is sampled HIGH during a READ cycle.
DQML corresponds to DQ0-DQ7 and DQMH corresponds to
DQ8-DQ15. DQML and DQMH are considered same state when
referenced as DQM.
20, 21
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank the
ACTIVE, READ, WRITE, or PRECHARGE command is being
applied.
23-26, 29-34, 22, 35, 36
A0 - A12
Input
Address Inputs: A0-A12 are sampled during the ACTIVE
command (row address A0-A12) and READ/WRITE command
(column-address A0-A8; with A10 defining auto precharge) to
select one location out of the memory array in the respective
bank. A10 is sampled during a PRECHARGE command to
determine if all banks are to be prechaged (A10 [HIGH]) or bank
selected by (A10 [LOW]). The address inputs also provide the
op-code during LOAD MODE REGISTER COMMAND.
2, 4, 5, 7, 8, 10, 11, 13, 42,
44, 45, 47, 48, 50, 51, 53
DQ0 - DQ15
I/O
Data Input/Output: Data bus
40
NC
---
No Connect: This pin should be left unconnected.
3, 9, 43, 49
VDDQ
Supply
DQ Power: Isolated DQ power to the die for improved noise
immunity.
6, 12, 46, 52
VSSQ
Supply
DQ Ground: Isolated DQ ground to the die for imporved noise
immunity.
1, 14, 27
VDD
Supply Power Supply: +3.3V ±0.3V
28, 41, 54
VSS
Supply Ground
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com