Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4SD2M32 Fiches technique(PDF) 41 Page - Austin Semiconductor

No de pièce AS4SD2M32
Description  512K x 32 x 4 Banks (64-Mb) Synchronous SDRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD2M32 Fiches technique(HTML) 41 Page - Austin Semiconductor

Back Button AS4SD2M32 Datasheet HTML 37Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 38Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 39Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 40Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 41Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 42Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 43Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 44Page - Austin Semiconductor AS4SD2M32 Datasheet HTML 45Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD2M32
AS4SD2M32
Rev. 1.0 1/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
41
Austin Semiconductor, Inc.
READ - FULL-PAGE BURST1
1,024 (x16) locations within same row
DQMx
A0-A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52